Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download LT1952 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1952 Single Switch Synchronous Forward Controller
FEATURES

DESCRIPTIO
Synchronous Rectifier Control for High Efficiency Programmable Volt-Second Clamp Output Power Levels from 25W to 500W Low Current Start-Up True PWM Soft-Start Low Stress Short Circuit Protection Precision 100mV Current Limit Threshold Adjustable Delay for Synchronous Timing Accurate Shutdown Threshold with Programmable Hysteresis Programmable Slope Compensation Programmable Leading Edge Blanking Programmable Frequency (100kHz to 500kHz) Synchronizable to an External Clock up to 1.5 * fOSC Internal 1.23V Reference 2.5V External Reference Current Mode Control Small 16-Pin SSOP Package
APPLICATIO S

Telecommunications Power Supplies Industrial and Distributed Power Isolated and Non-Isolated DC/DC Converters
The LT(R)1952 is a current mode PWM controller optimized to control the forward converter topology, using one primary MOSFET. The LT1952 provides synchronous rectifier control, resulting in extremely high efficiency. A programmable Volt-Second clamp provides a safeguard for transformer reset that prevents saturation. This allows a single MOSFET on the primary side to reliably run at greater than 50% duty cycle for high MOSFET, transformer and rectifier utilization. The LT1952 includes soft-start for controlled exit from shutdown, overcurrent conditions and undervoltage lockout. A precision 100mV current limit threshold, independent of duty cycle, combines with soft-start to provide hiccup short circuit protection. Micropower start-up allows the LT1952 to be efficiently started from high input voltages. Programmable slope compensation and leading edge blanking allow optimization of loop bandwidth with a wide range of inductors and MOSFETs. The LT1952 can be programmed over a 100kHz to 500kHz frequency range and the part can be synchronized to an external clock. The error amplifier is a true op amp, allowing a wide range of compensation networks. The LT1952 is available in a small 16-pin SSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
SUPPLY FROM BIAS WINDING OF T1
36V to 72V Input, 12V at 20A Semi-Regulated Bus Converter
40k
VIN T1 PA0905 L1 PA1494.242 VOUT 12V 20A 47F 16V X5R x2
VOUT (V)
16V
VREF 52.3k VIN LT1952 340k 100k 13k SD_VSEC FB COMP SS_MAXDC OUT OC ISENSE VIN
10F
Si7450
Si7370 x2
PH4840 x2
0.005 LTC3900 T2 FG SYNC 220pF 560 CG
SYNC GND 0.1F 0.1F 40k
SOUT ROSC
PGND BLANK DELAY 40k 178k
1952 TA01
U
12V Bus Converter VOUT vs VIN
16 14 12 10 8 36 42 48 54 VIN (V) 60 66 72
1952 TA01b
U
U
1952f
1
LT1952
ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW COMP FB ROSC SYNC SS_MAXDC VREF SD_VSEC GND 1 2 3 4 5 6 7 8 16 SOUT 15 VIN 14 OUT 13 PGND 12 DELAY 11 OC 10 ISENSE 9 BLANK
VIN (Note 8) ............................................... -0.3V to 25V SYNC, SS_MAXDC, SD_VSEC, ISENSE, OC, COMP, BLANK, DELAY ......................... -0.3V to 6V FB ................................................................ -0.3V to 3V ROSC ...................................................................................... -50A VREF .................................................................... -10mA Operating Junction Temperature Range (Notes 2, 5) ....................................... -40C to 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LT1952EGN LT1952IGN GN PART MARKING 1952E 1952I
GN PACKAGE 16-LEAD PLASTIC SSOP TJMAX = 125C, JA = 110C/W, JC = 40C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER PWM CONTROLLER Operational Input Voltage VIN Quiescent Current VIN Startup Current VIN Shutdown Current SD_VSEC Threshold SD_VSEC (ON) Current SD_VSEC (OFF) Current VIN ON VIN OFF VIN HYSTERESIS VREF Output Voltage Line Regulation Load Regulation OSCILLATOR Frequency: fOSC Minimum Programmable fOSC Maximum Programmable fOSC SYNC Input Resistance SYNC Switching Threshold SYNC Frequency/fOSC fOSC Line Reg VROSC
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
CONDITIONS I(VREF) = 0A I(VREF) = 0A, FB = 0V, ISENSE = OC = Open FB = 0V, SS_MAXDC = 0V (Notes 4, 9) SD_VSEC = 0V 10V < VIN < 25V SD_VSEC = SD_VSEC Threshold + 100mV SD_VSEC = SD_VSEC Threshold - 100mV

MIN VIN OFF
TYP
MAX 25
UNITS V mA A A V A A V V V V mV mV kHz kHz kHz k V %/V V
1952f
5.2 460 240 1.261 9.5 12.75 8.0 3.75 2.425 1.32 0 11.2 14.25 8.75 5.5 2.5 1 1
6.5 700 350 1.379 12.9 15.75 9.25 6.75 2.575 10 10 240 120 560 2.2 1.5 0.33
I(VREF) = 0A I(VREF) = 0A, 10V < VIN < 25V 0A < I(VREF) < 2.5mA ROSC = 178k, FB = 1V ROSC = 365k ROSC = 64.9k, COMP = 2.5V, SD_VSEC = 2.64V FB = 1V FB = 1V (Note 7) FB = 1V, ROSC = 178k; 10V < VIN < 25V, SS_MAXDC = 1.84V ROSC Pin voltage
165 80 440
200 100 500 18 1.5 1.25 0.05 1
2
U
W
U
U
WW
W
LT1952
ELECTRICAL CHARACTERISTICS
PARAMETER ERROR AMPLIFIER FB Reference Voltage FB Input Bias Current Open Loop Voltage Gain Unity Gain Bandwidth COMP Source Current COMP Sink Current COMP Current (Disabled) COMP High Level: VOH COMP Active Threshold COMP Low Level: VOL CURRENT SENSE ISENSE Maximum Threshold ISENSE Input Current (Duty Cycle = 0%) ISENSE Input Current (Duty Cycle = 80%) OC Threshold OC Input Current Default Blanking Time Adjustable Blanking Time VBLANK SOUT DRIVER SOUT Clamp Voltage SOUT Low Level SOUT High Level SOUT Active Pull-Off in Shutdown SOUT to OUT (Rise) DELAY (tDELAY) VDELAY OUT DRIVER OUT Rise Time OUT Fall Time OUT Clamp Voltage OUT Low Level OUT High Level
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
CONDITIONS 10V < VIN < 25V, VOL + 0.2V < COMP < VOH - 0.2 FB = FB Reference Voltage VOL + 0.2V < COMP < VOH - 0.2 (Note 6) FB = 1V, COMP = 1.6V COMP = 1.6V FB = VREF, COMP = 1.6V FB = 1V, I(COMP) = -250A FB = 1V, SOUT Duty Cycle > 0 % I(COMP) = 250A COMP = 2.5V, FB = 1V COMP = 2.5V, FB = 1V (Note 4) COMP = 2.5V, FB = 1V (Note 4)

MIN 1.201 65 -4 4 18 2.7 0.7
TYP 1.226 -75 85 3 -9 10 23 3.2 1.0 0.15
MAX 1.250 -200
UNITS V nA dB MHz mA mA
28
A V V
0.4 243
V mV A A
197
220 -8 -35
98
107 -50 180 540 1
116 -100
mV nA ns ns V
(OC = 100mV) COMP = 2.5V, FB = 1V (Note 10) COMP = 2.5V, FB = 1V, RBLANK = 120k
I(GATE) = 0A, COMP = 2.5V, FB = 1V I(GATE) = 25mA I(GATE) = -25mA, VIN = 12V, COMP = 2.5V, FB = 1V VIN = 5V, SD_VSEC = 0V, SOUT = 1V COMP = 2.5V, FB = 1V (Note 10) RDELAY = 120k
10.5 10 1
12 0.5
13.5 0.75
V V V mA
40 120 0.9
ns ns V ns ns 14.5 0.75 1.8 V V V V V mA
FB = 1V, CL = 1nF (Notes 3, 6) FB = 1V, CL = 1nF (Notes 3, 6) I(GATE) = 0A, COMP = 2.5V, FB = 1V I(GATE) = 20mA I(GATE) = 200mA I(GATE) = -20mA, VIN = 12V, COMP = 2.5V, FB = 1V I(GATE) = -200mA, VIN = 12V, COMP = 2.5V, FB = 1V VIN = 5V, SD_VSEC = 0V, OUT = 1V 9.9 9.75 20 11.5
50 30 13 0.45 1.25
OUT Active Pull-Off in Shutdown
1952f
3
LT1952
ELECTRICAL CHARACTERISTICS
PARAMETER OUT Max Duty Cycle
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF, VREF = 0.1F, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise specified.
CONDITIONS COMP = 2.5V, FB = 1V, RDELAY = 10k (fOSC = 200kHz) SD_VSEC = 1.4V, SS_MAXDC = VREF COMP = 2.5V, FB = 1V, RDELAY = 10k (fOSC = 200kHz) SD_VSEC = 1.32V, SS_MAXDC = 1.84V SD_VSEC = 2.64V, SS_MAXDC = 1.84V I(SS_MAXDC) = 150A, OC = 1V Measured on SS_MAXDC FB = 1V, DC > 0% SS_MAXDC = 1V, SD_VSEC = 1.4V, OC = 1V MIN TYP MAX UNITS
83
90
%
OUT Max Duty Cycle Clamp
63.5 25
72 33 0.2 0.45 0.8 800
80.5 41
% % V V V A
SOFT-START SS_MAXDC Low Level: VOL SS_MAXDC Soft-Start Reset Threshold SS_MAXDC Active Threshold SS_MAXDC Input Current (Soft-Start Pulldown: Idis)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LT1952EGN is guaranteed to meet performance specifications from 0C to 125C junction temperature. Specifications over the -40C to 125C operating junction temperature range are assured by design, characterization and correlation with statistical process controls. The LT1952IGN is guaranteed over the full -40C to 125C operating junction temperature range. Note 3: Rise and Fall times are measured at 10% and 90% levels. Note 4: Guaranteed by correlation to static test. Note 5: This IC includes over-temperature protection that is intended to protect the device during momentary overload conditions. Junction
temperature will exceed 125C when over-temperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability. Note 6: Guaranteed but not tested. Note 7: Maximum recommended SYNC frequency = 500kHz. Note 8: In applications where the VIN pin is supplied via an external RC network from a SYSTEM VIN > 25V, an external zener with clamp voltage VIN ON(MAX) < VZ < 25V should be connected from the VIN pin to ground. Note 9: VIN start-up current is measured at VIN = VIN ON - 0.25V and scaled by x 1.18 (to correlate to worst case VIN start-up current at VIN ON). Note 10: Timing for R = 40k derived from measurement with R = 240k.
1952f
4
LT1952 TYPICAL PERFOR A CE CHARACTERISTICS
FB Voltage vs Temperature
1.25 245 VIN SHUTDOWN CURRENT (A) 230 215 200 185 170 155 -50
1.24 FB VOLTAGE (V)
SWITCHING FREQUENCY (kHz)
1.23
1.22
1.21
1.20 -50
-25
50 25 0 75 TEMPERATURE (C)
VIN Start-up Current vs Temperature
600 550 VIN STARTUP CURRENT (A) 500 VIN IQ (mA) 450 400 350 300 250 200 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 4.0 5.5 5.0 4.5 SD_VSEC = 1.4V 6.5 6.0
SD_VSEC TURN ON THRESHOLD (V)
SD_VSEC Pin Current vs Temperature
15 PIN CURRENT BEFORE PART TURN ON 10
VIN (V)
SD_VSEC PIN CURRENT (A)
COMP (V)
5
0A PIN CURRENT AFTER PART TURN ON 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125
UW
100
1952 G01 1952 G04
Switching Frequency vs Temperature
500
VIN Shutdown Current vs Temperature
VIN = 15V 450 SD_VSEC = 0V 400 350 300 250 200 150
125
-25
50 25 0 75 TEMPERATURE (C)
100
125
100 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1952 G02
1952 G03
VIN IQ vs Temperature
OC = OPEN 1.42
SD_VSEC Turn ON Threshold vs Temperature
1.37
1.32
1.27
3.5 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1.22 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1952 G05
1952 G06
VIN Turn ON/OFF Voltage vs Temperature
18 16 14 12 10 VIN TURN OFF VOLTAGE 8 6 -50 1.6 1.4 VIN TURN ON VOLTAGE 1.2 1.0 0.8 0.6 0.4 0.2 -25 50 25 0 75 TEMPERATURE (C) 100 125
COMP Active Threshold vs Temperature
RISENSE = 0k
0 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1952 G07
1952 G08
1952 G09
1952f
5
LT1952 TYPICAL PERFOR A CE CHARACTERISTICS
COMP Source Current vs Temperature
12.5 COMP SOURCE CURRENT (mA) * (-1) FB = 1V COMP = 1.6V
COMP SINK CURRENT (mA)
10.0
10.0
COMP PIN CURRENT (A)
7.5 CURRENT OUT OF PIN
5.0 -50
-25
50 25 0 75 TEMPERATURE (C)
ISENSE Maximum Threshold vs COMP
240 200 160 120 80 40 0 0 0.5 1.0 2.0 1.5 COMP (V) 2.5 3.0
1952 G13
TA = 25C RISENSE = 0k ISENSE MAX THRESHOLD (mV)
ISENSE MAX THRESHOLD (mV)
230
ISENSE PIN CURRENT (A)
OC THRESHOLD
ISENSE Maximum Threshold vs Duty Cycle (Programming Slope Compensation)
225 RSLOPE = 0 120
ISENSE MAX THRESHOLD (mV)
215
205 RSLOPE = 470 195
100
BLANK DURATION (ns)
OC THRESHOLD (mV)
185 TA = 25C COMP = 2.5V 0 RSLOPE = 1k 80 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 -50 -25
175
10 20 30 40 50 60 70 80 90 100 DUTY CYCLE (%)
1952 G16
6
UW
100
1952 G10
COMP Sink Current vs Temperature
12.5 FB = 1.4V COMP = 1.6V 50
(Disabled) COMP Pin Current vs Temperature
FB = VREF COMP = 1.6V
40
30
20
7.5
10
125
5.0 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
0 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1952 G11
1952 G12
ISENSE Maximum Threshold vs Temperature
240 COMP = 2.5V RISENSE = 0k 40
ISENSE Pin Current (Out of Pin) vs Duty Cycle
TA = 25C
30
220
20
210
10
200 -50
0 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 10 20 30 40 50 60 70 80 90 100 DUTY CYCLE (%)
1952 G15
1952 G14
OC (Over-Current) Threshold vs Temperature
PRECISION OVER-CURRENT THRESHOLD INDEPENDENT OF DUTY CYCLE 800
Blank Duration vs Temperature
110
600
RBLANK = 120k
400
90
200 RBLANK = 40k
50 25 0 75 TEMPERATURE (C)
100
125
1952 G17
1952 G18
1952f
LT1952 TYPICAL PERFOR A CE CHARACTERISTICS
BLANK Duration vs RBLANK
1000 TA = 25C 200
800 150 RDELAY = 120k
BLANK (ns) tDELAY (ns) tDELAY (ns)
600
400
200
0 0 20 40 60 80 100 120 140 160 RBLANK (k)
1952 G26
OUT Rise/Fall Time vs OUT Load Capacitance
125 TA = 25C 100
OUT RISE/FALL TIME (ns)
100 tr 75 tf 50
OUT MAX DUTY CYCLE CLAMP (%)
OUT DUTY CYCLE (%)
25
0 0 2000 1000 3000 4000 OUT LOAD CAPACITANCE (pF) 5000
1952 G20
OUT: Max Duty Cycle CLAMP vs SS_MAXDC
90
OUT MAX DUTY CYCLE CLAMP (%)
TA = 25C fOSC = 200kHz 80 R DELAY = 10k 70 60 50 40 30 20 1.60
SD_VSEC = 1.32V
SS_MAXDC (mV)
SS_MAXDC (V)
SD_VSEC = 1.98V
SD_VSEC = 2.64V
1.84 SS_MAXDC (V)
UW
2.08
1952 G23
tDELAY: SOUT Rise to OUT Rise vs Temperature
200
tDELAY: SOUT Rise to OUT Rise vs RDELAY
TA = 25C
160
120
100
80
50 RDELAY = 40k 0 -50
40
0 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 20 40 60 80 100 120 140 160 RDELAY (k)
1952 G27
1952 G19
OUT: Max Duty Cycle vs fOSC
90 80 70 60 50 40 30 20 10
OUT: Max Duty Cycle CLAMP vs SD_VSEC
90
80 TA = 25C SS_MAXDC = 2.5V SD_VSEC = 1.4V 200 300 fOSC (kHz) 400 500
1952 G21
70 100
0 1.32
TA = 25C SS_MAXDC = 1.84V fOSC = 200kHz RDELAY = 10k 1.65 1.98 SD_VSEC (V) 2.31 2.64
1952 G22
SS_MAXDC Setting vs fOSC (for OUT DC = 72%)
2.32 TA = 25C SD_VSEC = 1.32V 2.20 RDELAY = 10k 2.08 1.96 1.84 1.72 1.60 100 1.2 1.0 0.8 0.6 0.4 0.2
SS_MAXDC Reset and Active Thresholds vs Temperature
ACTIVE THRESHOLD
RESET THRESHOLD
200
300 fOSC (kHz)
400
500
1952 G24
0 -50
-25
50 25 0 75 TEMPERATURE (C)
100
125
1952 G25
1952f
7
LT1952
PI FU CTIO S
COMP (Pin 1): Output Pin of the Error Amplifier. The error amplifier is an op amp, allowing various compensation networks to be connected between the COMP pin and FB pin for optimum transient response. The voltage on this pin corresponds to the peak current of the external FET. Full operating voltage range is between 0.8V and 2.5V corresponding to 0mV to 220mV at the ISENSE pin. For applications using the 100mV OC pin for over-current detection, typical operating range for the COMP pin is 0.8V to 1.6V. For isolated applications where COMP is controlled by an opto-coupler, the COMP pin output drive can be disabled with FB = VREF, reducing the COMP pin current to (COMP - 0.7)/40k. FB (Pin 2): Monitors the output voltage via an external resistor divider and is compared with an internal 1.23V reference by the error amplifier. FB connected to VREF disables error amplifier output. ROSC (Pin 3): A resistor to ground programs the operating frequency of the IC between 100kHz and 500kHz. Nominal voltage on the ROSC pin is 1.0V. SYNC (Pin 4): Used to Synchronize the Internal Oscillator to an External Signal. It is directly logic compatible and can be driven with any signal between 10% and 90% duty cycle. If unused, the pin can be left open or connected to ground. SS_MAXDC (Pin 5): External resistor divider from VREF sets maximum duty cycle clamp (SS_MAXDC = 1.84V, SD_VSEC = 1.32V gives 72% duty cycle). Capacitor on SS_MAXDC pin in combination with external resistor divider sets soft-start timing. VREF (Pin 6): The output of an internal 2.5V reference which supplies control circuitry in the IC. Capable of sourcing up to 2.5mA drive for external use. Bypass to ground with a 0.1F ceramic capacitor. SD_VSEC (Pin 7): The SD_VSEC pin, when pulled below its accurate 1.32V threshold, is used to turn off the IC and reduce current drain from VIN. The SD_VSEC pin is connected to system input voltage through a resistor divider to define undervoltage lockout (UVLO) and to provide a Volt-Second clamp on the OUT pin. A 10A pin current hysteresis allows external programming of UVLO hysteresis. GND (Pin 8): Analog Ground. BLANK (Pin 9): A resistor to ground adjusts the extended blanking period of the over-current and current sense amplifier outputs during FET turn on -- to prevent false current limit trip. Increasing the resistor value increases the blanking period. ISENSE (Pin 10): The Current Sense Input for the Control Loop. Connect this pin to the sense resistor in the source of the external power MOSFET. A resistor in series with the ISENSE pin programs slope compensation. OC (Pin 11): An accurate 100mV threshold, independent of duty cycle, for over-current detection and trigger of soft-start. Connect this pin directly to the sense resistor in the source of the external power MOSFET. DELAY (Pin 12): A resistor to ground adjusts the delay period between SOUT rising edge and OUT rising edge. Used to maximize efficiency in forward converter applications by adjusting the control timing of secondary side synchronous rectifier MOSFETs. Increasing the resistor value increases the delay period. PGND (Pin 13): Power Ground. OUT (Pin 14): Drives the Gate of an N-channel MOSFET between 0V and VIN. OUT is actively clamped to 13V. Active pull-off exists in shutdown (see electrical specification). VIN (Pin 15): Input Supply for the Part. It must be closely decoupled to ground. An internal undervoltage lockout threshold exists for VIN at approximately 14.25V on and 8.75V off. SOUT (Pin 16): Switched Output in Phase with OUT Pin. Provides sync signal for control of secondary side FETs in forward converter applications requiring highly efficient synchronous rectification. SOUT is actively clamped to 12V. Active pull-off exists in shutdown (see electrical specification).
8
U
U
U
1952f
LT1952
TI I G DIAGRA
BLOCK DIAGRA
14.25V ON 8.75V OFF
VIN 15 460A START-UP INPUT CURRENT
-
+
(TYPICAL 200kHz) 1.32V OSC (100 TO 500)kHz RAMP (LINEAR) SLOPE COMP 8A 0% DC 35A 80% DC S R 13 PGND 13V (VOLTAGE) ERROR AMPLIFIER 1.23V BLANK SENSE CURRENT OVER CURRENT Q ON DELAY DRIVER 1A 14 OUT
SD_VSEC 7 ROSC 3
SYNC 4
0mV TO 220mV
100mV
2 FB
1 COMP
8 GND
12
9
1952 BD
DELAY BLANK
Figure 2. Block Diagram
1952f
+
-
+
-
+
IHYST 11A SD_VSEC = 1.32V 0A SD_VSEC > 1.32V
-
-
+
W
tDELAY: PROGRAMMABLE SYNCHRONOUS DELAY SOUT OUT SS_MAXDC FAULTS TRIGGERING SOFT-START VIN < 8.75V OR SD_VSEC < 1.32V (UVLO) OR OC > 100mV (OVER-CURRENT) SOFT-START LATCH SET 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) 0.2V SOFT-START LATCH RESET: VIN > 14.25V (> 8.75V IF LATCH SET BY OC) AND SD_VSEC > 1.32V AND OC < 100mV AND SS_MAXDC < 0.45V 1952 F01
W
+
-
UW
Figure 1. Timing Diagram
VREF 6
SS_MAXDC 5 0.45V
+
SOFT-START CONTROL
VREF >90%
2.5V SOURCE 2.5mA
-
R Q S
- +
1.23V
50mA ADAPTIVE MAXIMUM DUTY CYCLE CLAMP 16 SOUT
12V
11 OC 10 ISENSE
9
LT1952
OPERATIO
Introduction
The LT1952 is a current mode synchronous PWM controller optimized for control of the simplest forward converter topology -- using only one primary MOSFET. The LT1952 is ideal for 25W to 500W power systems where very high efficiency and reliability, low complexity and cost are required in a small space. Key features of the LT1952 include an adaptive maximum duty cycle clamp for the single primary MOSFET. An additional output signal is included for synchronous rectifier control. A precision 100mV threshold senses over-current conditions and triggers Soft-Start for low stress short circuit protection and control. The key functions of the LT1952 are shown in the Block Diagram in Figure 2. Part Startup In normal operation the SD_VSEC pin must exceed 1.32V and the VIN pin must exceed 14.25V to allow the part to turn on. This combination of pin voltages allows the 2.5V VREF pin to become active, supplying the LT1952 control circuitry and providing up to 2.5mA external drive. SD_VSEC threshold can be used for externally programming an undervoltage lockout (UVLO) threshold on the system input voltage. Hysteresis on the UVLO threshold can also be programmed since the SD_VSEC pin draws 11A just before part turn on and 0A after part turn on. With the LT1952 turned on, the VIN pin can drop as low as 8.75V before part shutdown occurs. This VIN pin hysteresis (5.5V) combined with low 460A start-up input current allows low power start-up using a resistor/capacitor network from system VIN to supply the VIN pin (Figure 3). The VIN capacitor value is chosen to prevent VIN falling below 8.75V before an auxiliary winding in the converter takes over supply to the VIN pin. Output Drivers The LT1952 has two outputs, SOUT and OUT. The OUT pin provides a 1A peak MOSFET gate drive clamped to 13V. The SOUT pin has a 50mA peak drive clamped to 12V and provides sync signal timing for synchronous rectification control.
10
U
For SOUT and OUT turn on, a PWM latch is set at the start of each main oscillator cycle. OUT turn on is delayed from SOUT turn on by a time tDELAY (Figure 2). tDELAY is programmed using a resistor from the DELAY pin to ground and is used to set the timing control of the secondary synchronous rectifiers for optimum efficiency. SOUT and OUT turn off at the same time each cycle by one of three methods: (1) MOSFET peak current sense at ISENSE pin (2) Adaptive maximum duty cycle clamp reached during load/line transients (3) Maximum duty cycle reset of the PWM latch During any of the following conditions -- low VIN, low SD_VSEC or over-current detection at the OC pin -- a soft-start event is latched and both SOUT and OUT turn off immediately (Figure 1). Leading Edge Blanking To prevent MOSFET switching noise causing premature turn off of SOUT or OUT, programmable leading edge blanking exists. This means both the current sense comparator and over-current comparator outputs are ignored during MOSFET turn on and for an extended period after the OUT leading edge (Figure 6). The extended blanking period is programmable by adjusting a resistor from the BLANK pin to ground. Adaptive Maximum Duty Cycle Clamp (Volt-Second Clamp) For forward converter applications using the simplest topology of a single MOSFET on the primary, a maximum switch duty cycle clamp which adapts to transformer input voltage is necessary for reliable control of the MOSFET. This volt-second clamp provides a safeguard for transformer reset that prevents transformer saturation. Instantaneous load changes can cause the converter loop to demand maximum duty cycle. If the maximum duty cycle of the switch is too great, the transformer reset voltage can exceed the voltage rating of the primary-side MOSFET with catastrophic damage. Many converters solve this problem
1952f
LT1952
OPERATIO
by limiting the operational duty cycle of the MOSFET to 50% or less -- or by using a fixed (non-adaptive) maximum duty cycle clamp with very large voltage rated MOSFETs. The LT1952 provides a volt-second clamp to allow MOSFET duty cycles well above 50%. This gives greater power utilization for the MOSFET, rectifiers and transformer resulting in less space for a given power output. In addition, the volt-second clamp allows a reduced voltage rating on the MOSFET resulting in lower RDSON for greater efficiency. The volt-second clamp defines a maximum duty cycle `guard rail' which falls when system input voltage increases. The LT1952 SD_VSEC and SS_MAXDC pins provide a capacitorless, programmable volt-second clamp solution. Some controllers with volt-second clamps control switch maximum duty cycle by using an external capacitor to program maximum switch ON time. Such techniques have a volt-second clamp inaccuracy directly related to the error of the external capacitor/pin capacitance and the error/drift of the internal oscillator. The LT1952 uses simple resistor ratios to implement a volt-second clamp without the need for an accurate external capacitor and with an order of magnitude less dependency on oscillator error. An increase of voltage at the SD_VSEC pin causes the maximum duty cycle clamp to decrease. If SD_VSEC is resistively divided down from transformer input voltage, a volt-second clamp is realised. To adjust the initial maximum duty cycle clamp, the SS_MAXDC pin voltage is programmed by a resistor divider from the 2.5V VREF pin to ground. An increase of programmed voltage on SS_MAXDC pin provides an increase of switch maximum duty cycle clamp. Soft-Start The LT1952 provides true PWM soft-start by using the SS_MAXDC pin to control soft-start timing. The proportional relationship between SS_MAXDC voltage and switch maximum duty cycle clamp allows the SS_MAXDC pin to slowly ramp output voltage by ramping the maximum switch duty cycle clamp -- until switch duty cycle clamp seamlessly meets the natural duty cycle of the converter.
U
A soft-start event is triggered whenever VIN is too low, SD_VSEC is too low (UVLO), or a 100mV over-current threshold at OC pin is exceeded. Whenever a soft-start event is triggered, switching at SOUT and OUT is stopped immediately. The SS_MAXDC pin is discharged and only released for charging when it has fallen below it's reset threshold of 0.45V and all faults have been removed. Increasing voltage on the SS_MAXDC pin above 0.8V will increase switch maximum duty cycle. A capacitor to ground on the SS_MAXDC pin in combination with a resistor divider from VREF, defines the soft-start timing. Current Mode Topology (ISENSE Pin) The LT1952 current mode topology eases frequency compensation requirements because the output inductor does not contribute to phase delay in the regulator loop. This current mode technique means that the error amplifier (nonisolated applications) or the optocoupler (isolated applications) commands current (rather than voltage) to be delivered to the output. This makes frequency compensation easier and provides faster loop response to output load transients. A resistor divider from the application's output voltage generates a voltage at the inverting FB input of the LT1952 error amplifier (or to the input of an external optocoupler) and is compared to an accurate reference (1.23V for LT1952). The error amplifier output (COMP) defines the input threshold (ISENSE) of the current sense comparator. COMP voltages between 0.8V (active threshold) and 2.5V define a maximum ISENSE threshold from 0mV to 220mV. By connecting ISENSE to a sense resistor in series with the source of an external power MOSFET, the MOSFET peak current trip point (turn off) can be controlled by COMP level and hence by the output voltage. An increase in output load current causing the output voltage to fall, will cause COMP to rise, increasing ISENSE threshold, increasing the current delivered to the output. For isolated applications, the error amplifier COMP output can be disabled to allow the optocoupler to take control. Setting FB = VREF disables the error amplifier COMP output, reducing pin current to (COMP - 0.7)/40k.
1952f
11
LT1952
OPERATIO
Slope Compensation The current mode architecture requires slope compensation to be added to the current sensing loop to prevent subharmonic oscillations which can occur for duty cycles above 50%. Unlike most current mode converters which have a slope compensation ramp that is fixed internally, placing a constraint on inductor value and operating frequency, the LT1952 has externally adjustable slope compensation. Slope compensation can be programmed by inserting an external resistor (RSLOPE) in series with the ISENSE pin. The LT1952 has a linear slope compensation ramp which sources current out of the ISENSE pin of approximately 8A at 0% duty cycle to 35A at 80% duty cycle. Over-Current Detection and Soft-Start (OC Pin) An added feature to the LT1952 is a precise 100mV sense threshold at the OC pin used to detect over-current conditions in the converter and set a soft-start latch. The OC pin
APPLICATIO S I FOR ATIO
Shutdown and Programming Undervoltage Lockout The LT1952 has an accurate 1.32V shutdown threshold at the SD_VSEC pin. This threshold can be used in conjunction with a resistor divider to define the undervoltage lockout threshold (UVLO) of the system input voltage (VS) to the power converter (Figure 3). A pin current hysteresis (11A before part turn on, 0A after part turn on) allows UVLO hysteresis to be programmed. Calculation of the ON/OFF thresholds for the supply (SVIN) to the power converter can be made as follows: VS OFF Threshold = 1.32[1 + (R1/R2)] VS ON Threshold = SVIN OFF + (11A * R1) A simple open drain transistor can be added to the resistor divider network at the SD_VSEC pin to control the turn off of the LT1952 (Figure 3). The SD_VSEC pin must not be left open since there must be an external source current >11A to lift the pin past its 1.32V threshold for part turn on.
12
U
W
U
U
U
is connected directly to the source of the primary side MOSFET to monitor peak current in the MOSFET (Figure 7). The 100mV threshold is constant over the entire duty cycle range of the converter because it is unaffected by the slope compensation added to the ISENSE pin. Synchronizing A SYNC pin allows the LT1952 oscillator to be synchronized to an external clock. The SYNC pin can be driven from a logic level output, requiring less than 0.8V for a logic level low and greater than 2.2V for a logic level high. Duty cycle should run between 10% and 90%. To avoid loss of slope compensation during synchronization, the free running oscillator frequency (fOSC) should be programmed to 80% of the external clock frequency (fSYNC). The RSLOPE resistor chosen for non-synchronized operation should be increased by 1.25x (= fSYNC/fOSC).
SYSTEM INPUT (VS) R1 SD_VSEC OPTIONAL SHUTDOWN TRANSISTOR 11A R2 1.32V
- +
ON OFF
LT1952
1952 F03
Figure 3. Programming Undervoltage Lockout (UVLO)
Micropower Start-Up: Selection of Start-Up Resistor and Capacitor for VIN The LT1952 uses turn-on voltage hysteresis at the VIN pin and low start-up current to allow micro-power start-up (Figure 4). The LT1952 monitors VIN pin voltage to allow part turn on at 14.25V and part turn off at 8.75V. Low startup current (460A) allows a large resistor to be connected
1952f
LT1952
APPLICATIO S I FOR ATIO
between system input supply and VIN. Once the part is turned on, input current increases to drive the IC (4.5mA) and the output drivers (IDRIVE). A large enough capacitor is chosen at the VIN pin to prevent VIN falling below 8.5V before an auxiliary winding in the converter takes over supply to VIN. This technique allows a simple resistor/ capacitor for start-up which draws low power from the system supply to the converter. The values for RSTART and CSTART are given by: RSTART(MAX) = (VS(MIN) - VIN ON(max))/ISTART(MAX) CSTART(MIN) = (IQ(MAX) + IDRIVE(MAX)) * tSTART/ VIN HYST(MIN) Example: For VS(MIN) = 36V, VIN ON(MAX) = 15.75V, ISTART(MAX) = 700A, IQ(MAX) = 5.5mA, IDRIVE(MAX) = 5mA, VIN HYST(MIN) = 3.75V and tSTART = 100s, RSTART = (36 - 15.75)/700A = 28.9k (choose 28.7k) CSTART = (5.5mA + 5mA) * 100s/3.75V = 0.28F (typically choose 1F) For system input voltages exceeding the absolute maximum rating of the LT1952 VIN pin, an external zener should be connected from the VIN pin to ground. This covers the condition where VIN charges past VIN ON (typically 14.25V) but the part does not turn on because SD_VSEC < 1.32V. In this condition VIN will continue to charge towards system
SYSTEM INPUT (VS) FROM AUXILIARY WINDING RSTART VIN (14.25V ON, 8.75V OFF)
FREQUENCY (kHz)
D1*
-
1.32V CSTART
+
LT1952 *FOR VS > 25V, ZENER D1 RECOMMENDED (VIN ON(MAX) < VZ < 25V) 1952 F04
Figure 4. Low Power Start-Up
1952f
U
VIN, possibly exceeding the rating for the VIN pin. The zener voltage should obey VIN ON(MAX) < VZ < 25V. Programming Oscillator Frequency The oscillator frequency (fOSC) of the LT1952 is programmed using an external resistor (ROSC) connected between the ROSC pin and ground. Figure 5 shows typical fOSC vs. ROSC resistor values. The LT1952 free-running oscillator frequency is programmable in the range of 100kHz to 500kHz. Stray capacitance and potential noise pickup on the ROSC pin should be minimized by placing the ROSC resistor as close as possible to the ROSC pin and keeping the area of the ROSC node as small as possible. The ground side of the ROSC resistor should be returned directly to the (analog ground) GND pin. ROSC can be calculated by, ROSC = 9.125k [(4100k/fOSC) - 1]
500 450 400 350 300 250 200 150 100 50 100 150 200 250 ROSC (k) 300 350 400
1952 F05
W
U
U
Figure 5. Oscillator Frequency (fOSC) vs ROSC
Programming Leading Edge Blank Time For PWM controllers driving external MOSFETs, noise can be generated at the source of the MOSFET during gate rise time and some time thereafter. This noise can potentially exceed the OC and ISENSE pin thresholds of the LT1952 to cause premature turn off of SOUT and OUT in addition to false trigger of soft-start. The LT1952 provides programmable leading edge blanking of the OC and ISENSE comparator outputs to avoid false current sensing during MOSFET switching.
13
LT1952
APPLICATIO S I FOR ATIO
Blanking is provided in 2 phases (Figure 6): The first phase automatically blanks during gate rise time. Gate rise times can vary depending on MOSFET type. For this reason the LT1952 performs true `leading edge blanking' by automatically blanking OC and ISENSE comparator outputs until OUT rises to within 0.5V of VIN or reaches its clamp level of 13V. The second phase of blanking starts after the leading edge of OUT has been completed. This phase is programmable by the user with a resistor connected from the BLANK pin to ground. Typical durations for this portion of the blanking period are from 45ns at RBLANK = 10k to 540ns at RBLANK = 120k. Blanking duration can be approximated as: Blanking (extended) = [45(RBLANK/10k)]ns (see graph in Typical Performance Characteristics)
(AUTOMATIC) LEADING EDGE BLANKING (PROGRAMMABLE) EXTENDED BLANKING CURRENT SENSE DELAY
OUT RBLANK
(MIN)
10k < RBLANK 240k
100ns
= 10k
BLANKING
0
Xns
X + 45ns
[X + 45(RBLANK/10k)]ns
1952 F06
Figure 6. Leading Edge Blank Timing
Programming Current Limit (OC Pin) The LT1952 uses a precise 100mV sense threshold at the OC pin to detect over-current conditions in the converter and set a soft-start latch. It is independent of duty cycle because it is not affected by slope compensation programmed at the ISENSE pin. The OC pin monitors the peak current in the primary MOSFET by sensing the voltage across a sense resistor (RS) in the source of the MOSFET.
14
U
The current limit for the converter can be programmed by, Current limit = (100mV/RS)(NP/NS) - (1/2)(IRIPPLE) where, RS = sense resistor in source of primary MOSFET IRIPPLE = p-p ripple current in the output inductor L1 NS = number of transformer secondary turns NP = number of transformer primary turns Programming Slope Compensation The LT1952 uses a current mode architecture to provide fast response to load transients and to ease frequency compensation requirements. Current mode switching regulators which operate with duty cycles above 50% and have continuous inductor current must add slope compensation to their current sensing loop to prevent subharmonic oscillations. (For more information on slope compensation, see Application Note 19.) The LT1952 has programmable slope compensation to allow a wide range of inductor values, to reduce susceptibility to PCB generated noise and to optimize loop bandwidth. The LT1952 programs slope compensation by inserting a resistor RSLOPE in series with the ISENSE pin (Figure 7). The LT1952 generates a current at the ISENSE pin which is linear from 0% duty cycle to the maximum duty cycle of the OUT pin. A simple calculation of I(ISENSE) * RSLOPE gives an added ramp to the voltage at the ISENSE pin for programmable slope compensation. (See both graphs `ISENSE Pin Current vs. Duty Cycle' and `ISENSE Maximum Threshold vs Duty Cycle' in the Typical Performance Characteristics section.)
CURRENT SLOPE = 35A * DC LT1952 OUT VS OC ISENSE
1952 F07
W
U
U
V(ISENSE) = VS + (ISENSE * RSLOPE) ISENSE = 8A + 35DC A DC = DUTY CYCLE FOR SYNC OPERATION ISENSE(SYNC) = 8A + (k * 35DC)A k = fOSC/fSYNC
RSLOPE RS
Figure 7. Programming Slope Compensation
1952f
LT1952
APPLICATIO S I FOR ATIO
Programming Synchronous Rectifier Timing: SOUT to OUT delay (`tDELAY')
The LT1952 has an additional output SOUT which provides a 50mA peak drive clamped to 12V. In applications requiring synchronous rectification for high efficiency, the LT1952 SOUT provides a sync signal for secondary side control of the synchronous rectifier MOSFETs (Figure11). Timing delays through the converter can cause nonoptimum control timing for the synchronous rectifier MOSFETs. The LT1952 provides a programmable delay (tDELAY, Figure 8) between SOUT rising edge and OUT rising edge to optimize timing control for the synchronous rectifier MOSFETs to achieve maximum efficiency gains. A resistor RDELAY connected from the DELAY pin to ground sets the value of tDELAY. Typical values for tDELAY range from 10ns with RDELAY = 10k to 160ns with RDELAY = 160k. (see graph in Typical Performance Characteristics)
tDELAY
SOUT OUT
LT1952 DELAY
1952 F08
RDELAY
Figure 8. Programming SOUT to OUT Delay: tDELAY
Programming Maximum Duty Cycle Clamp For forward converter applications using the simplest topology of a single MOSFET on the primary, a maximum switch duty cycle clamp which adapts to transformer input voltage is necessary for reliable control of the MOSFET. This volt-second clamp provides a safeguard for transformer reset that prevents transformer saturation. The LT1952 SD_VSEC and SS_MAXDC pins provide a capacitor-less, programmable volt-second clamp solution using simple resistor ratios (Figure 9). An increase of voltage at the SD_VSEC pin causes the maximum duty cycle clamp to decrease. Deriving SD_VSEC from a resistor divider connected to system input voltage creates the volt-second clamp. The maximum duty cycle clamp can be adjusted by programming voltage on the
U
SS_MAXDC pin using a resistor divider from VREF. An increase of voltage at the SS_MAXDC pin causes the maximum duty cycle clamp to increase. To program the volt-second clamp, the following steps should be taken: (1) The maximum operational duty cycle of the converter should be calculated for the given application. (2) An initial value for the maximum duty cycle clamp should be calculated using the equation below with a first pass guess for SS_MAXDC. Note: Since maximum operational duty cycle occurs at minimum system input voltage (UVLO), the voltage at the SD_VSEC pin = 1.32V. Max Duty Cycle Clamp (OUT pin) = k * 0.522(SS_MAXDC(DC)/SD_VSEC) - (tDELAY * fOSC) where, SS_MAXDC(DC) = VREF(RB/(RT + RB) SD_VSEC = 1.32V at minimum system input voltage tDELAY = programmed delay between SOUT and OUT k = 1.11 - 5.5e-7 * (fOSC) (3) The maximum duty cycle clamp calculated in (2) should be programmed to be 10% greater than the maximum operational duty cycle calculated in (1). Simple adjustment of maximum duty cycle can be achieved by adjusting SS_MAXDC.
SYSTEM INPUT VOLTAGE R1 ADAPTIVE DUTY CYCLE CLAMP INPUT R2 RT * VREF RB
1952 F09
W
U
U
LT1952 SD_VSEC SS_MAXDC
MAX DUTY CYCLE CLAMP ADJUST INPUT *MINIMUM ALLOWABLE RT IS 10k TO GUARANTEE SOFT-START PULL-OFF
Figure 9. Programming Maximum Duty Cycle Clamp
1952f
15
LT1952
APPLICATIO S I FOR ATIO
Example calculation for (2)
For RT = 35.7k, RB = 100k, VREF = 2.5V, RDELAY = 40k, fOSC = 200kHz and SD_VSEC = 1.32V, this gives SS_MAXDC(DC) = 1.84V, tDELAY = 40ns and k = 1 Maximum Duty Cycle Clamp = 1 * 0.522(1.84/1.32) - (40ns * 200kHz) = 0.728 - 0.008 = 0.72 (Duty Cycle Clamp = 72%) Note 1: To achieve the same maximum duty cycle clamp at 100kHz as calculated for 200kHz, the SS_MAXDC voltage should be reprogrammed by, SS_MAXDC(DC) (100kHz) = SS_MAXDC(DC) (200kHz) * k (200kHz)/k (100kHz) = 1.84 * 1.0/1.055 = 1.74V (k = 1.055 for 100kHz) The second order effect of tDELAY should also be considered for final adjustment of SS_MAXDC(DC). Note 2 : To achieve the same maximum duty cycle clamp while synchronizing to an external clock at the SYNC pin, the SS_MAXDC voltage should be re-programmed as, SS_MAXDC (DC) (fsync) = SS_MAXDC (DC) (200kHz) * [(fosc/fsync) + 0.09(fosc/200kHz)0.6] For SS_MAXDC (DC) (200kHz) = 1.84V for 72% duty cycle SS_MAXDC (DC) (fsync = 250kHz) for 72% duty cycle = 1.84 * [(200kHz/250kHz) + 0.09(1)0.6] = 1.638V Programming Soft-Start Timing The LT1952 has built-in soft-start capability to provide low stress controlled startup from a list of fault conditions that can occur in the application (see Figure 1 and Figure 10). The LT1952 provides true PWM soft-start by using the SS_MAXDC pin to control soft-start timing. The proportional relationship between SS_MAXDC voltage and switch maximum duty cycle clamp allows the SS_MAXDC pin to slowly ramp output voltage by ramping the maximum switch duty cycle clamp -- until switch duty cycle clamp seamlessly meets the natural duty cycle of the converter.
16
U
A capacitor CSS on the SS_MAXDC pin and the resistor divider from VREF used to program maximum switch duty cycle clamp, determine soft-start timing (Figure 11). A soft-start event is triggered for the following faults: (1) VIN < 8.75V, or (2) SD_VSEC < 1.32V (UVLO), or (3) OC > 100mV (over-current condition) When a soft-start event is triggered, switching at SOUT and OUT is stopped immediately. A soft-start latch is set and SS_MAXDC pin is discharged. The SS_MAXDC pin can only recharge when the soft-start latch has been reset. Note: A soft-start event caused by (1) or (2) above, also causes VREF to be disabled and to fall to ground.
SS_MAXDC SOFT-START EVENT TRIGGERED 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) TIMING (A): SOFT START FAULT REMOVED BEFORE SS_MAXDC FALLS TO 0.45V SS_MAXDC 0.8V (ACTIVE THRESHOLD) 0.45V (RESET THRESHOLD) 0.2V TIMING (B): SOFT-START FAULT REMOVED AFTER SS_MAXDC FALLS PAST 0.45V
1952 F10
W
U
U
Figure 10. Soft-Start Timing
SS_MAXDC(DC) LT1952 SS_MAXDC RT VREF CSS RB CSS
1952 F11
RCHARGE
LT1952 SS_MAXDC
SS_MAXDC CHARGING MODEL SS_MAXDC(DC) = VREF [RB/(RT + RB)] RCHARGE = [RT * RB/(RT + RB)]
Figure 11. Programming Soft-Start Timing
1952f
LT1952
APPLICATIO S I FOR ATIO
(A) VIN > 14.25*, and (B) SD_VSEC > 1.32V, and (C) OC < 100mV, and
Soft-start latch reset requires all of the following:
(D) SS_MAXDC < 0.45V (SS_MAXDC reset threshold) *VIN > 8.75V is ok for latch reset if the latch was only set by over-current condition in (3) above SS_MAXDC Discharge Timing It can be seen in Figure 10 that two types of discharge can occur for the SS_MAXDC pin. In timing (A) the fault that caused the soft-start event has been removed before SS_MAXDC falls to 0.45V. This means the soft-start latch will be reset when SS_MAXDC falls to 0.45V and SS_MAXDC will begin charging. In timing (B), the fault that caused the soft-start event is not removed until some time after SS_MAXDC has fallen past 0.45V. The SS_MAXDC pin continues to discharge to 0.2V and remains low until all faults are removed. The time for SS_MAXDC to fall to a given voltage can be approximated as, SS_MAXDC (tFALL) = (CSS/IDIS) * [SS_MAXDC(DC) - VSS(MIN)] where, IDIS = net discharge current on CSS CSS = capacitor value at SS_MAXDC pin SS_MAXDC(DC) = programmed DC voltage VSS(MIN) = minimum SS_MAXDC voltage before recharge IDIS ~ 8e-4 + (VREF - VSS(MIN))[(1/2RB) - (1/RT)] For faults arising from (1) and (2), VREF = 100mV. For a fault arising from (3), VREF = 2.5V. SS_MAXDC(DC) = VREF[RB/(RT + RB)] VSS(MIN) = SS_MAXDC reset threshold = 0.45V (if fault removed before tFALL)
U
Example For an over-current fault (OC > 100mV), VREF = 2.5V, RT = 35.7k, RB = 100k, CSS = 0.1F and assume VSS(MIN) = 0.45V, IDIS ~ 8e-4 + (2.5 - 0.45)[(1/2 * 100k) - (1/35.7k)] = 8e-4 + (2.05)(-0.23e-4) = 7.5e-4 SS_MAXDC(DC) = 1.84V SS_MAXDC (tFALL) = (1e - 7/7.5e-4) * (1.84 - 0.45) = 1.85e-4 s If the OC fault is not removed before 185s then SS_MAXDC will continue to fall past 0.45V towards a new VSS(MIN). The typical VOL for SS_MAXDC at 150A is 0.2V. SS_MAXDC Charge Timing When all faults are removed and the SS_MAXDC pin has fallen to its reset threshold of 0.45V or lower, the SS_MAXDC pin will be released and allowed to charge. SS_MAXDC will rise until it settles at its programmed DC voltage -- setting the maximum switch duty cycle clamp. The calculation of charging time for the SS_MAXDC pin between any two voltage levels can be approximated as an RC charging waveform using the model shown in Figure 11. The ability to predict SS_MAXDC rise time between any two voltages allows prediction of several key timing periods: (1) No Switching Period (time from SS_MAXDC(DC) to VSS(MIN) + time from VSS(MIN) to VSS(ACTIVE)) (2) Converter Output Rise Time (time from VSS(ACTIVE) to VSS(REG); VSS(REG) is the level of SS_MAXDC where maximum duty cycle clamp equals the natural duty cycle of the switch) (3) Time For Maximum Duty Cycle Clamp within X% of Target Value The time for SS_MAXDC to charge to a given voltage VSS is found by re-arranging, VSS(t) = SS_MAXDC(DC) (1 - e(-t/RC))
1952f
W
U
U
17
LT1952
APPLICATIO S I FOR ATIO
to give, t = RC * (-1) * ln(1 - VSS/SS_MAXDC(DC)) where, VSS = SS_MAXDC voltage at time t
SS_MAXDC(DC) = programmed DC voltage setting maximum duty cycle clamp = VREF(RB/(RT + RB) R = RCHARGE (Figure 11) = RT * RB/(RT + RB) C = CSS (Figure 11) Example (1) No Switching Period The period of no switching for the converter, when a soft-start event has occurred, depends on how far SS_MAXDC can fall before recharging occurs and how long a fault exists. It will be assumed that a fault triggering soft-start is removed before SS_MAXDC can reach its reset threshold (0.45V). No Switching Period = tDISCHARGE + tCHARGE tDISCHARGE = discharge time from SS_MAXDC(DC) to 0.45V tCHARGE = charge time from 0.45V to VSS(ACTIVE) tDISCHARGE was already calculated earlier as 185s. tCHARGE is calculated by assuming the following: VREF = 2.5V, RT = 35.7k, RB = 100k, CSS = 0.1F and VSS(MIN) = 0.45V. tCHARGE = t(VSS = 0.8V) - t(VSS = 0.45V) Step 1: SS_MAXDC(DC) = 2.5[100k/(35.7k + 100k)] = 1.84V RCHARGE = (35.7k * 100k/135.7k) = 26.3k Step 2: t(VSS = 0.45V) is calculated from, t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.45/1.84) = 2.63e-3 * (-1) * ln(0.755) = 7.3e-4 s
18
U
Step 3: t(VSS = 0.8V) is calculated from, t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.8/1.84) = 2.63e-3 * (-1) * ln(0.565) = 1.5e-3 s From Step 1 and Step 2 tCHARGE = (1.5 - 0.73)e-3 s = 7.7e-4 s The total time of no switching for the converter due to a soft-start event = tDISCHARGE + tCHARGE = 1.85e-4 + 7.7e-4 = 9.55e-4 s Example (2) Converter Output Rise Time The rise time for the converter output to reach regulation can be closely approximated as the time between the start of switching (SS_MAXDC = VSS(ACTIVE)) and the time where converter duty cycle is in regulation (DC(REG)) and no longer controlled by SS_MAXDC (SS_MAXDC = VSS(REG)). Converter output rise time can be expressed as, Output Rise Time = t(VSS(REG)) - t(VSS(ACTIVE)) Step 1: Determine converter duty cycle DC(REG) for output in regulation The natural duty cycle DC(REG) of the converter depends on several factors. For this example it is assumed that DC(REG) = 60% for system input voltage near the undervoltage lockout threshold (UVLO). This gives SD_VSEC = 1.32V. Also assume that the maximum duty cycle clamp programmed for this condition is 72% for SS_MAXDC(DC) = 1.84V, fOSC = 200kHz and RDELAY = 40k. Step 2: Calculate VSS(REG) To calculate the level of SS_MAXDC (VSS(REG)) that no longer clamps the natural duty cycle of the converter, the equation for maximum duty cycle clamp must be used (see previous section `Programming Maximum Duty Cycle Clamp'). The point where the maximum duty cycle clamp meets DC(REG) during soft-start is given by, DC(REG) = Max Duty Cycle clamp
1952f
W
U
U
LT1952
APPLICATIO S I FOR ATIO
0.6 = k * 0.522(SS_MAXDC(DC)/SD_VSEC) - (tDELAY * fOSC) For SD_VSEC = 1.32V, fOSC = 200kHz and RDELAY = 40k This gives k = 1 and tDELAY = 40ns. Re-arranging the above equation to solve for SS_MAXDC = VSS(REG) = [0.6 + (tDELAY * fOSC)(SD_VSEC)]/(k * 0.522) = [0.6 + (40ns * 200kHz)(1.32V)]/(1 * 0.522) = (0.608)(1.32)/0.522 = 1.537V Step 3: Calculate t(VSS(REG)) - t(VSS(ACTIVE)) Recall the time for SS_MAXDC to charge to a given voltage VSS is given by, t = RCHARGE * CSS * (-1) * ln(1 - VSS/SS_MAXDC(DC)) (Figure 11 gives the model for SS_MAXDC charging) For RT = 35.7k, RB = 100k, RCHARGE = 26.3k For CSS = 0.1F, this gives t(VSS(ACTIVE)) = t(VSS(0.8V)) = 2.63e4 * 1e-7 * (-1) * ln(1 - 0.8/1.84) = 2.63e-3 * (-1) * ln(0.565) = 1.5e-3 s t(VSS(REG)) = t(VSS(1.537V)) = 26.3k * 0.1F * -1 * ln(1 - 1.66/1.84) = 2.63e-3 * (-1) * ln(0.146) = 5e-3 s The rise time for the converter output = t(VSS(REG)) - t(VSS(ACTIVE)) = (5 - 1.5)e-3 s = 3.5e-3 s Example (3) Time For Maximum Duty Cycle Clamp to Reach Within X% of Target Value A maximum duty cycle clamp of 72% was calculated previously in the section `Programming Maximum Duty Cycle Clamp'. The programmed value used for SS_MAXDC(DC) was 1.84V. The time for SS_MAXDC to charge from its minimum value VSS(MIN) to within X% of SS_MAXDC(DC) is given by, t(SS_MAXDC charge time within X% of target) = t[(1 - (X/100) * SS_MAXDC(DC)] - t(VSS(MIN)) For X = 2 and VSS(MIN) = 0.45V, t(0.98 * 1.84) - t(0.45) = t(1.803) - t(0.45)
U
From previous calculations, t(0.45) = 7.3e - 4 s. Using previous values for RT, RB, and CSS, t(1.803) = 2.63e-4 * 1e-7 * (-1) * ln(1 - 1.803/1.84) = 2.63e-3 * (-1) * ln(0.02) = 1.03e-2 s Hence the time for SS_MAXDC to charge from its minimum reset threshold of 0.45V to within 2% of its target value is given by, t(1.803) - t(0.45) = 1.03e-2 - 7.3e-4 = 9.57e-3 Forward Converter Applications The following section covers applications where the LT1952 is used in conjunction with other LTC parts to provide highly efficient power converters using the single switch forward converter topology. 95% Efficient, 5V, Synchronous Forward Converter The circuit in Figure 14 is based on the LT1952 to provide the simplest forward power converter circuit -- using only one primary MOSFET. The SOUT pin of the LT1952 provides a synchronous control signal for the LTC1698 located on the secondary. The LTC1698 drives secondary side synchronous rectifier MOSFETs to achieve high efficiency. The LTC1698 also serves as an error amplifier and optocoupler driver. Efficiency and transient response are shown in Figures 12 and 13. Peak efficiencies of 95% and ultra-fast transient response are superior to presently available power modules. Integrated soft-start, over-current detection and short circuit hiccup mode provide low stress, reliable protection. In addition, the circuit in Figure 14 is an allceramic capacitor solution providing low output ripple voltage and improved reliability. The LT1952-based converter can be used to replace power module converters at a much lower cost. The LT1952 solution benefits from thermal conduction of the system board resulting in higher efficiencies and lower rise in component temperatures. The 7mm height allows dense packaging and the circuit can easily be adjusted to provide an output voltage from 1.23V to 26V. Higher currents are achievable by simple scaling of power components. The LT1952-based solution in Figure 14 is a powerful topology for replacement of a wide range of power modules.
1952f
W
U
U
19
LT1952
APPLICATIO S I FOR ATIO
98 96 94 92 90 88 86 0 5 VIN = 48V VOUT = 5V fOSC = 300kHz 15 10 LOAD CURRENT (A) 20 25
1952 F12
EFFICIENCY (%)
Figure 12. LT1952-Based Synchronous Forward Converter Efficiency vs Load Current (For Circuit in Figure 14)
+VIN 36V TO 72V
40k SOUT 16 5 100k 22k 6 2 0.1F 0.1F 3 115k 4 SYNC BLANK DELAY 9 40k 12 33k 1F 4.75k COMP 1 ROSC VIN VREF FB LT1952 SOUT SS_MAXDC SD_VSEC OUT OC ISENSE PGND GND 7 14 11 10 13 8 15 BAS516 10VBIAS 9.53k
10VBIAS 6 Q1: PHM15NQ20 PHILIPS 0.1F 5 4
HCPL-M453 1 2 3 +V0UT
Figure 14. 36V to 72V Input to 5V at 20A Synchronous Forward Converter
20
U
IOUT (5A/DIV) 0A VOUT (200mV/DIV) 20s/DIV
1952 F13
W
U
U
Figure 13. Output Voltage Transient Response (6A to 12A Load Step at 6A/s)
CIN 2.2F 100V X5R
T1 PA0491
L1 PA1393.152
475k Q2 PH3830 Q3 PH3830
+V0UT 5V 20A C01 100F X5R 2x
Q1
1k
0.015 7VBIAS
18.2k 1F X5R T2 SOUT 220pF SYNC 560 R13 270 C9, 6.8nF R14 1.2k
1 2 3 4 5 6
LTC1698 VDD CG PGND GND OPTO VCOMP FG SYNC VAUX ICOMP +ISNS -ISNS
16 15 14 13 12 11 0.1F SYNC
8
VFB
OVP
9
R15 38.3k
R16 12.4k
1952 F14
1952f
LT1952
APPLICATIO S I FOR ATIO
48V to Isolated 12V, 20A (No Opto-Coupler) `Bus Converter'
The wide programmable range and accuracy of the LT1952 Volt-Second clamp makes the LT1952 an ideal choice for `Bus Converter' applications where the Volt-Second clamp provides line regulation for the converter output. The 48V to 12V 20A `Bus Converter' application in Figure16 shows a semi-regulated isolated output without the need for an optocoupler, optocoupler driver, reference or feedback network. Some `Bus Converter' solutions run with a fixed 50% duty cycle resulting in an output variation of 2-to-1 for applications with a 72V to 36V input range. The LT1952 uses an accurate wide programmable range Volt-Second clamp to initially program and then control power supply output voltage to typically 10% for the same 36V to 72V input range. Efficiency for the LT1952-based bus converter in Figure 16 achieves a high 94% at 20A (Figure 15).
EFFICIENCY (%)
VIN 36V TO 72V
47k 82k
VU1 BAS516 0.1F 18V 12V 2.2F, 100V 2x
370k 13.2k 115k 27k 0.47F 7 3 9 5 59k 10k 6 1 2 SD_VSEC ROSC BLANK SS_MAXDC LT1952 0.1F VREF COMP FB OUT VIN GND PGND DELAY OC ISENSE SOUT 14 15 8 13 12 11 10 16 470 39k BAT760 VU1
T2 Q4470-B
Figure 16. 36V to 72V Input to 12V at 20A No `Optocoupler' Synchronous `Bus Converter'
**
U
The solution is only slightly larger than 1/4 "brick" size and uses only ceramic capacitors for high reliability.
12V Bus Converter Efficiency
96.0 95.5 95.0 94.5 94.0 93.5 93.0 VIN = 48V VOUT = 12V 4 6 8 10 12 14 16 LOAD CURRENT (A) 18 20
1952 F15
W
U
U
Figure 15. LT1952-Based Synchronous `Bus Converter' Efficiency vs Load Current (For Circuit in Figure 16)
T1 PA0815.002
**
2.4H
*
VOUT 12V, 20A COUT 33F, 16V X5R, TDK 3x
BCX55
Si7370 2x
PH4840 2x
10k
*
LTC3900 5 6 1F 8V BIAS 4 8 FG GND VCC CG CS+ CS- 3 1 2 7 CT 1nF 10k 10k
PH21NQ15 2x
SYNC TIMER
1F 9m
RT 15k 1nF 8V BIAS 560
220pF
L1: PA1494.242 PULSE ENGINEERING T1: PULSE ENGINEERING T2: COILCRAFT
1952 F16
1952f
21
LT1952
APPLICATIO S I FOR ATIO
36V to 72V Input, 3.3V 40A Converter
An LT1952-based synchronous forward converter provides the ideal solution for power supplies requiring high efficiency at low output voltages and high load currents. The 3.3V 40A solution in Figure 18 achieves peak efficiencies of 92.5% (Figure 17) by minimizing power loss due to rectification at the output. Synchronous rectifier control output SOUT, with programmable delay, optimizes timing control for a secondary side synchronous MOSFET controller (LTC3900) which results in high efficiency synchronous rectification. The LT1952 uses a precision current limit threshold at the OC pin combined with a soft-start hiccup mode to provide low stress output short circuit protection. The maximum output current will vary only 10% over the full VIN range. During short circuit the average power dissipation of the circuit will be lower than 15% of maximum rated power thanks to a soft-start
VU1 BAS516 0.1F 18V 12V
EFFICIENCY (%)
+VIN 36V TO 72V
47k 82k
370k 13.2k 115k 27k 0.22F 7 3 9 5 59k 10k 6 33k 1 2 2.2k 22k SD_VSEC ROSC BLANK SS_MAXDC LT1952 0.1F VR = 2.5V COMP FB = 1.23V OUT VIN GND PGND DELAY OC ISENSE SOUT 14 15 8 13 12 11 10 16 470 220pF T2 Q4470-B VU1 L1: PA0713, PULSE ENGINEERING ALL CAPACITORS X7R, CERAMIC, TDK T2: COILCRAFT 39k 10m 1nF BAT760 1F 8V BIAS VU1 Si7846 1F
1 LT1797 PS8101 270
2
Figure 18. 36V to 72V, 3.3V at 40A Synchronous Forward Converter
1952f
22
+
-
**
U
controlled hiccup mode. This allows a significant reduction in power component sizing using the LT1952-based converter.
94 93 92 91 90 89 88 87 86 0 10 VIN = 48V VOUT = 3.3V fOSC = 300kHz 20 40 30 OUTPUT CURRENT (A) 50
1952 F17
W
U
U
Figure 17. LT1952-Based Synchronous Forward Converter Efficiency vs Load Current (For Circuit in Figure 18)
PA0912.002
**
L1
*
VOUT 3.3V, 40A COUT 100F 3x
BCX55
Q2 PH3230 2x 2.2F
Q3 PH3230 2x LTC3900
10k
*
5 6 4 8
FG GND VCC
CG CS
3 10k 10k
+1
CS-
2 7 1nF
SYNC TIMER
15k 8V BIAS 560
249k 8V BIAS 2.2nF 18k
80.6k
5
4 3 10k 1F
10k
8 4 LT1009
0.1F
1952 F18
LT1952
APPLICATIO S I FOR ATIO
Bus Converter: Optimum Output Voltage Tolerance The Bus Converter applications shown on page 1 and in Figure 16, provide semi-regulated isolated outputs without the need for an optocoupler, optocoupler driver, reference or feedback network. The LT1952 Volt-Second clamp adjusts switch duty cycle inversely proportional to input voltage to provide an output voltage that is regulated against input line variations. Some bus converters use a switch duty cycle limit which causes output voltage variation of typically 33% over a 2:1 input voltage range. The LT1952 typically provides a 10% output variation for the same input variation. Typical output tolerance is further improved for the LT1952 by inserting a resistor from the system input voltage to the SS_MAXDC pin (Rx in Figure 19). The LT1952 electrical specifications for the OUT Max Duty Cycle Clamp show typical switch duty cycle to move from 72% to 33% for a 2x change of input voltage (SS_MAXDC pin = 1.84V). Since output voltage regulation follows VIN * Duty Cycle, a switch duty cycle change of 72% to 36% (for a 2x input voltage change) provides minimal output voltage variation for the LT1952 bus converter. To achieve this, an SS_MAXDC pin voltage increase of 1.09x (36/33) would be required at high input line. A resistor Rx inserted between the SS_MAXDC pin and system input voltage (Figure 19) increases SS_MAXDC voltage as input voltage increases, minimizing output voltage variation over a 2:1 input voltage change. The following steps determine values for Rx, RT and RB (1) Program switch duty cycle at minimum system input voltage (VS(MIN)) (a) RT(1) = 10k (minimum allowed to still guarantee softstart pull-down)
SYSTEM INPUT VOLTAGE
R1 VOLT-SECOND CLAMP INPUT R2 VOLT-SECOND CLAMP ADJUST INPUT
Rx
LT1952 SD_VSEC SS_MAXDC
RT VREF RB
1952 F19
Figure 19. Optimal Programming of Maximum Duty Cycle Clamp for Bus Converter Applications (Adding Rx)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
(b) Select switch duty cycle for the Bus Converter for a given output voltage at V S(MIN) and calculate SS_MAXDC voltage (SS1) (See Applications Information "Programming Maximum Duty Cycle Clamp") (c) Calculate RB(1) = [SS1/(2.5 - SS1)] * RT(1) (2) Calculate Rx Rx = ([VS(MAX) - VS(MIN)]/[SS1 * (X - 1)]) * RTHEV(1) RTHEV(1) = RB(1) * RT(1)/(RB(1) + RT(1)), X = ideal duty cycle (VS(MAX))/actual duty cycle (VS(MAX)) (3) The addition of Rx causes an increase in the original programmed SS_MAXDC voltage SS1. A new value for RB(1) should be calculated to provide a lower SS_MAXDC voltage (SS2) to correct for this offset. (a) SS2 = SS1 - [(VS(MIN) - SS1) * RTHEV(1)/Rx] (b) RB(2) = [SS2/(2.5 - SS2)] * RT(1) (4) The thevinin resistance RTHEV(1) used to calculate Rx should be re-established for RT and RB. (a) RB (final value) = RB(2) * (RTHEV(1)/RTHEV(2)) (b) RT (final value) = RT(1) * (RTHEV(1)/RTHEV(2)) where RTHEV(2) = RB(2) * RT(1)/(RB(2) + RT(1)) Example: For a Bus Converter running from 36V to 72V input, VS(MIN) = 36V, VS(MAX) = 72V. choose RT(1) = 10k, SS_MAXDC = SS1 = 1.84V (for 72% duty cycle at VS(MIN) = 36V) RB(1) = [1.84V/(2.5V - 1.84V)] * 10k = 28k RTHEV(1) = [28k * 10k/(28k + 10k)] = 7.4k SS_MAXDC correction = 36%/33% = 1.09 Rx = [(72V - 36V)/(1.84 * 0.09)] * 7.4k = 1.6M SS2 = 1.84 - [(36V - 1.84) * 7.4k/1.6M] = 1.682V RB(2) = [1.682/(2.5 - 1.682)] * 10k = 20.6k RTHEV(2) = [20.6k * 10k/(20.6k + 10k)] = 6.7k RTHEV(1)/RTHEV(2) = 7.4k/6.7k = 1.104 RB (final value) = 20.6k * 1.104 = 22.7k (choose 22.6k) RT (final value) = 10k * 1.104 = 11k
1952f
W
U
U
23
LT1952
PACKAGE DESCRIPTIO
.254 MIN
.0165 .0015
RECOMMENDED SOLDER PAD LAYOUT
.007 - .0098 (0.178 - 0.249)
.016 - .050 (0.406 - 1.270)
NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS) 3. DRAWING NOT TO SCALE *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
RELATED PARTS
PART NUMBER LT1681/LT3781 LT1698 LT1725 LT1950 DESCRIPTION Synchronous Forward Controllers Secondary Synchronous Rectifier Controller General Purpose Isolated Flyback Controller Single Switch Forward Controller COMMENTS High Efficiency 2-Switch Forward Control Use for Isolated Power Supplies, Contains Voltage Margining, Optocoupler Driver, Synchronization Circuit with the Primary Side, Error Amplifier Drives External Power MOSFET, Senses Output Voltage Directly from Primary Side Switching -- No Optoisolator Required, 16-pin SSOP 3V VIN 25V, 25W to 500W, Adaptive Max Duty Cycle Clamp, Programmable Slope Compensation, Low 100mV Sense Threshold, 16-Pin SSOP High Efficiency Push-Pull PWM Adjustable Slope Compensation, Internal Soft-Start, 200kHz Excellent Cross Regulation, High Efficiency, Multiple Outputs Use for Isolated Power Supplies, 4.5V VIN 11V, N-channel Synchronous MOSFET Driver, Programmable Timeout, Reverse Inductor Current Sense, 16-pin SSOP
LTC3722-1/LTC3722-2 Dual Mode Phase Modulated Full-Bridge Controllers ZVS Full-Bridge Controllers LTC3723-1/LTC3723-2 Synchronous Push-Pull PWM Controllers LTC3803 LTC3806 LTC3900 SOT-23 Flyback Controller Synchronous Flyback Controller Synchronous Rectifier Driver for Forward Converters
24
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
U
GN Package 16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
.045 .005
.189 - .196* (4.801 - 4.978) 16 15 14 13 12 11 10 9
.009 (0.229) REF
.150 - .165
.229 - .244 (5.817 - 6.198)
.150 - .157** (3.810 - 3.988)
.0250 BSC
1
23
4
56
7
8
.004 - .0098 (0.102 - 0.249)
.015 .004 x 45 (0.38 0.10)
0 - 8 TYP
.0532 - .0688 (1.35 - 1.75)
.008 - .012 (0.203 - 0.305) TYP
.0250 (0.635) BSC
GN16 (SSOP) 0204
1952f LT/TP 0804 1K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2004


▲Up To Search▲   

 
Price & Availability of LT1952

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X